PART |
Description |
Maker |
BXB75-48S12FLTJ BXB75-48S05FLTJ BXB75-48S3V3FLTJ |
Industry standard footprint MTBF >1.4 million hours (Bellcore 332) Industry standard footprint MTBF >1.4 million hours (Bellcore 332)
|
Emerson Network Power
|
BXB50 BXB50-24S12FLTJ BXB50-24S3V3FLTJ BXB50-24S15 |
Industry standard footprint MTBF >1.4 million hours (Bellcore 332) Industry standard footprint MTBF >1.4 million hours (Bellcore 332)
|
Emerson Network Power
|
MPB125-4350 MPB125 MPB125-2005 MPB125-2012 MPB125- |
High Power Density in Industry Standard 3 x 5 Footprint
|
POWER-ONE[Power-One]
|
BSP204 BSP204A |
P-channel enhancement mode vertical D-MOS transistor - Under-Voltage Lockout- No Minimum Load- Industry Standard Footprint- Fixed Operating Frequency- Halt Tested- Compact 61.0 x 57.91 x 1
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
AV60C-048L-033F10 AV60C-048L-150F10 AV60C-048L-033 |
Industry standard pin-out & performance 100°C baseplate temperature (no derating) Industry standard pin-out & performance 100掳C baseplate temperature (no derating) Industry standard pin-out & performance 100隆?C baseplate temperature (no derating) 50-150 Watts
|
Emerson Network Power ASTEC[Astec America, Inc]
|
MCP41010MCP42010 MCP41050-I/P MCP41050-E/SN MCP410 |
Single/Dual Digital Potentiometer with SPI?/a> Interface Single/Dual Digital Potentiometer with SPIInterface 双数字电位器接口与SPI The MCP42100 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard ... The MCP42010 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard ... The MCP41100 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI™ ... The MCP41010 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI™ ... The MCP42100 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The The MCP42050 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The The MCP42010 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The The MCP41100 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The MCP41100 ha The MCP41050 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The MCP41050 ha The MCP41010 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The MCP41010 ha 400000 SYSTEM GATE 2.5 VOLT FPGA - NOT RECOMMENDED for NEW DESIGN The MCP42050 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard ... The MCP41050 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI™ ... IC,DIGITAL POTENTIOMETER,CMOS,DIP,8PIN,PLASTIC Single/Dual Digital Potentiometer with SPI Interface Single/Dual Digital Potentiometer with SPI?/a> Interface Single/Dual Digital Potentiometer with SPI?Interface
|
Microchip Technology, Inc. Microchip Technology Inc.
|
30C40 |
Industry Standard Mounting
|
American Electronic Com...
|
IRLTS6342PBF |
Industry-Standard TSOP-6 Package
|
International Rectifier
|
IRF7807VPBF-1 IRF7807VPBF-1-15 |
Industry-standard pinout SO-8 Package
|
International Rectifier
|
IRF7105PBF-1 IRF7105PBF-1-15 |
Industry-standard pinout SO-8 Package
|
International Rectifier
|
IRF7832PBF-1 IRF7832PBF-1-15 |
Industry-standard pinout SO-8 Package
|
International Rectifier
|
IRFTS9342PBF IRFTS9342PBF-15 |
Industry-Standard TSOP-6 Package
|
International Rectifier
|